Part Number Hot Search : 
1N4798 MIC70506 4951A AP1038 8002G BCW30 F130452 97A37
Product Description
Full Text Search
 

To Download S2065K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 l Se
ec
te
U.
L.
G O 1639 EC #E7 R
d P
Fi le
k ac
ag
es
*
NI
ZE
D
TO-263 D 2 Pak
TO-92 *TO-218
TO-252 D-Pak TO-202
*TO-218X
3-lead Compak
*TO-220
TO-251 V-Pak
A
K
G
(1 A to 70 A)
E6
General Description
The Teccor line of thyristor SCR semi-conductors are half-wave, unidirectional, gate-controlled rectifiers which complement Teccor's line of sensitive SCRs. Teccor offers devices with ratings of 1 A to 70 A and 200 V to 1000 V, with gate sensitivities from 10 mA to 50 mA. If gate currents in the 12 A to 500 A ranges are required, see "Sensitive SCRs" section of this catalog. Three packages are offered in electrically isolated construction where the case or tab is internally isolated to allow the use of low-cost assembly and convenient packaging techniques. The Teccor line of SCRs features glass-passivated junctions to ensure long-term reliability and parameter stability. Teccor's glass offers a rugged, reliable barrier against junction contamination. Variations of devices covered in this data sheet are available for custom design applications. Consult the factory for more information.
Features
* * * * Electrically-isolated package High voltage capability -- 200 V to 1000 V High surge capability -- up to 950 A Glass-passivated chip
Compak SCR
* * * * Surface mount package -- 1 A series New small profile three-leaded Compak package Packaged in embossed carrier tape with 2,500 devices per reel Can replace SOT-223
(c)2002 Teccor Electronics Thyristor Product Catalog
E6 - 1
http://www.teccor.com +1 972-580-7777
SCRs
Data Sheets
Part Number
Isolated
A
Non-isolated
A
IT
(1) (2) (15)
VDRM & VRRM
IGT
(4)
A
G
TYPE
A A
A
G
K
K
K G
A
K A
G
K
K A G
G A
K
A
G
TO-92
TO-220
TO-202
TO-220
TO-251 V-Pak
Compak
TO-252 D-Pak
Amps IT(RMS) IT(AV) MAX 0.64 0.64 0.64 3.8 3.8 3.8 3.8 3.8 5.1 5.1 5.1 5.1 5.1 6.4 6.4 6.4 6.4 6.4 7.6 7.6 7.6 7.6 7.6 Volts MIN 200 400 600 200 400 600 800 1000 200 400 600 800 1000 200 400 600 800 1000 200 400 600 800 1000 mAmps MIN 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 MAX 10 10 10 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 20 20 20 20 20 MAX 1 1 1
See "Package Dimensions" section for variations. (11)
1A
S201E S401E S601E S2006L S2006F1 S4006F1 S6006F1 S2006V S4006V S6006V S8006V SK006V S2008F1 S4008F1 S6008F1 S2008R S4008R S6008R S8008R SK008R S2010F1 S4010F1 S6010F1 S2010R S4010R S6010R S8010R SK010R S2012R S4012R S6012R S8012R SK012R S2008V S4008V S6008V S8008V SK008V S2010V S4010V S6010V S8010V SK010V S2012V S4012V S6012V S8012V SK012V S4006L S6006L S8006L SK006L S2008L S4008L S6008L S8008L SK008L S2010L
S2N1 S4N1 S6N1 S2006D S4006D S6006D S8006D SK006D S2008D S4008D S6008D S8008D SK008D S2010D S4010D S6010D S8010D SK010D S2012D S4012D S6012D S8012D SK012D
6 6 6 6 6 8 8 8 8 8 10 10 10 10 10 12 12 12 12 12
6A
8A
10 A
S4010L S6010L S8010L SK010L
12 A
Specific Test Conditions
di/dt -- Maximum rate-of-rise of on-state current; IGT = 150 mA with 0.1 s rise time dv/dt -- Critical rate of applied forward voltage I2t -- RMS surge (non-repetitive) on-state current for period of 8.3 ms for fusing IDRM and IRRM -- Peak off-state forward and reverse current at VDRM and VRRM Igt -- dc gate trigger current; VD = 12 V dc; RL = 60 W for 1 to 16 A devices and 30 W for 20 to 70 A devices IGM -- Peak gate current IH -- dc holding current; gate open IT -- Maximum on-state current ITSM -- Peak one-cycle forward surge current PG(AV) -- Average gate power dissipation PGM -- Peak gate power dissipation tgt -- Gate controlled turn-on time; gate pulse = 100 mA; minimum width = 15 s with rise time 0.1 s tq -- Circuit commutated turn-off time
VDRM and VRRM -- Repetitive peak off-state forward and reverse voltage Vgt -- DC gate trigger voltage; VD = 12 V dc; RL = 60 W for 1 to 16 A devices and 30 W for 20 to 70 A devices VTM -- Peak on-state voltage at maximum rated RMS current
General Notes
* * * All measurements are made at 60 Hz with a resistive load at an ambient temperature of +25 C unless otherwise specified. Operating temperature range (TJ) is -65 C to +125 C for TO-92 devices and -40 C to +125 C for all other packages. Storage temperature range (TS) is -65 C to +150 C for TO-92 devices, -40 C to +150 C for TO-202 and TO-220 devices, and -40 C to +125 C for all others. Lead solder temperature is a maximum of 230 C for 10 seconds maximum; 1/16" (1.59 mm) from case. The case temperature (TC) is measured as shown on dimensional outline drawings in the "Package Dimensions" sectionof this catalog.
* *
http://www.teccor.com +1 972-580-7777
E6 - 2
(c)2002 Teccor Electronics Thyristor Product Catalog
Data Sheets
SCRs
IDRM & IRRM
(14)
VTM
(3)
VGT
(8) (17)
IH
(5) (13)
IGM
(12)
PGM
(12)
PG(AV)
ITSM
(6) (10)
dv/dt
I2t
di/dt
tgt
(7)
tq
(9) (10)
mAmps TC = 25 C 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.02 0.01 0.01 0.01 0.01 0.02 0.01 0.01 0.01 0.02 0.02 0.01 0.01 0.01 0.02 0.02 TC = TC = 100 C 125 C MAX 0.2 0.2 0.2 0.2 0.2 0.2 0.2 3 0.2 0.2 0.2 0.2 3 0.2 0.2 0.2 0.5 3 0.5 0.5 0.5 0.5 3 1 1 1 1 0.5 0.5 0.5 1 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
Volts TC = 25 C MAX 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6
Volts TC = 25 C MAX 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 mAmps MAX 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 40 40 40 40 40 1.5 1.5 1.5 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 15 15 15 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 0.3 0.3 0.3 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 Amps Watts Watts
Amps 60/50 Hz 30/25 30/25 30/25 100/83 100/83 100/83 100/83 100/83 100/83 100/83 100/83 100/83 100/83 100/83 100/83 100/83 100/83 100/83 120/100 120/100 120/100 120/100 120/100
Volts/Sec TC = 100 C MIN 40 40 40 350 350 300 250 100 350 350 300 250 100 350 350 300 250 100 350 350 300 250 100 250 250 225 200 250 250 225 200 250 250 225 200 TC = 125 C MIN 20 20 20 250 250 225 200 3.7 3.7 3.7 41 41 41 41 41 41 41 41 41 41 41 41 41 41 41 60 60 60 60 60 50 50 50 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 Amps2Sec Amps/Sec Sec TYP 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 Sec MAX 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35
Electrical Specification Notes
(1) (2) (3) (4) (5) (6) (7) (8) (9) See Figure E6.5 through Figure E6.16 for current rating at specified operating case temperature. See Figure E6.1 and Figure E6.2 for free air current rating. See Figure E6.19 and Figure E6.20 for instantaneous on-state current versus on-state voltage (typical). See Figure E6.18 for IGT versus TC. See Figure E6.17 for IH versus TC. For more than one full cycle rating, see Figure E6.23. See Figure E6.22 for tgt versus IGT. See Figure E6.21 for VGT versus TC. Test conditions are as follows: * IT = 1 A for 1 A devices and 2 A for all other devices * Pulse duration = 50 s, dv/dt = 20 V/s, di/dt = -10 A/s for 1 A devices, and -30 A/s for other devices * IGT = 200 mA at turn-on (10) See Figure E6.5 through Figure E6.10 for maximum allowable case temperatures at maximum rated current.
(11) See package outlines for lead form configuration. When ordering special lead forming, add type number as suffix to part number. (12) Pulse width 10 s (13) Initial on-state current = 200 mA dc for 1 A through 16 A devices; 400 mA dc for 20 A through 70 A devices. (14) TC = TJ for test conditions in off state. (15) The R, K, or M package rating is intended for high surge condition use only and not recommended for 50 A rms continuous current use since narrow pin lead temperature can exceed PCB solder melting temperature. Teccor's J package or W package is recommended for 50 A rms continuous current requirements. (16) For various durations of an exponentially decaying current waveform, see Figure E6.3 and Figure E6.4. (tW is defined as 5 time constants.) (17) Minimum non-trigger VGT at 125 C is 0.2 V.
(c)2002 Teccor Electronics Thyristor Product Catalog
E6 - 3
http://www.teccor.com +1 972-580-7777
SCRs
Data Sheets
Part Number
Isolated
A
Non-isolated
A
A
IT
(1) (15)
A
A A K G
VDRM & VRRM
IGT
(4)
IDRM & IRRM
(14)
TYPE
K A G
A
K
A
G
KAG
K AG
K A
G
KAG
Amps TO-263 D2Pak IT(RMS) 15 15 15 15 15 IT(AV) 9.5 9.5 9.5 9.5 9.5 10 10 10 10 10 12.8 12.8 12.8 12.8 12.8 16 16 16 16 16 22 22 22 22 22 25 25 25 25 25 35 35 35 35 35 41 41 41 41 41 45 45 45 45 Volts MIN 200 400 600 800 1000 200 400 600 800 1000 200 400 600 800 1000 200 400 600 800 1000 200 400 600 800 1000 200 400 600 800 1000 200 400 600 800 1000 200 400 600 800 1000 200 400 600 800 mAmps MIN 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 MAX 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 35 35 35 35 35 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 50 50 50 50 50 50 50 50 50 0.01 0.01 0.01 0.02 0.02 0.01 0.01 0.01 0.02 0.02 0.01 0.01 0.01 0.02 0.02 0.01 0.01 0.01 0.02 0.02 0.01 0.01 0.01 0.02 0.02 0.01 0.01 0.01 0.02 0.03 0.01 0.01 0.01 0.02 0.03 0.02 0.02 0.02 0.02 0.03 0.02 0.02 0.02 0.02 TC = 25 C
mAmps TC = 100 C MAX 0.5 0.5 0.5 1 3 0.5 0.5 0.5 1 3 0.5 0.5 0.5 1.0 3 1 1 1 1.5 3 1 1 1 1.5 3 1 1 1 1.5 5 1 1 1 1.5 5 1.5 1.5 1.5 2 5 1.5 1.5 1.5 2 3 3 3 5 3 3 3 5 2 2 2 3 2 2 2 3 2 2 2 3 2 2 2 3 1 1 1 2 1 1 1 2 1 1 1 2 TC = 125 C
TO-220 S2015L
TO-218X
TO-218
TO-220
TO-218X
TO-218
See "Package Dimensions" section for variations. (11) S4015L S6015L S8015L SK015L S2016R S2016N S4016N S6016N S8016N SK016N S4016R S6016R S8016R SK016R S2020L S4020L S6020L S8020L SK020L S2025L S2025R S4025R S6025R S8025R SK025R S2035J S2035K S4035K S6035K S8035K SK035K S2040R S2040N S4040N S6040N S8040N SK040N S2055W S4055W S6055W S8055W S2055M S4055M S6055M S8055M SK055M S2055N S4055N S6055N S8055N SK055N S4040R S6040R S8040R SK040R S2055R S4055R S6055R S8055R SK055R S2065J S2065K S4065K S6065K S8065K SK065K S2070W S4070W S6070W S8070W S4065J S6065J S8065J S4035J S6035J S8035J S2025N S4025N S6025N S8025N SK025N S4025L S6025L S8025L SK025L
MAX
15 A
16 16 16 16 16 20 20 20 20 20 25 25 25 25 25 35 35 35 35 35 40 40 40 40 40 55 55 55 55 55 65 65 65 65 65 70 70 70 70
16 A
20 A
25 A
35 A
40 A
55 A
65 A
70 A
See "General Notes" on page E6 - 2 and "Electrical Specification Notes" on page E6 - 3.
http://www.teccor.com +1 972-580-7777
E6 - 4
(c)2002 Teccor Electronics Thyristor Product Catalog
Data Sheets
SCRs
VTM
(3)
VGT
(8) (17)
IH
(5) (13)
IGM
(12)
PGM
(12)
PG(AV)
ITSM
(6) (10) (16)
dv/dt
I2 t
di/dt
tgt
(7)
tq
(9) (10)
Volts
Volts mAmps MAX 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 50 50 50 50 50 50 50 50 50 50 60 60 60 60 60 60 60 60 60 60 80 80 80 80 80 80 80 80 80 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 4 4 4 4 4 5 5 5 5 5 5 5 5 5 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 40 40 40 40 40 50 50 50 50 50 50 50 50 50 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 1 1 1 1 1 1 1 1 1 Amps Watts Watts
Amps 60/50 Hz 225/188 225/188 225/188 225/188 225/188 225/188 225/188 225/188 225/188 225/188 300/255 300/255 300/255 300/255 300/255 350/300 350/300 350/300 350/300 350/300 500/425 500/425 500/425 500/425 500/425 520/430 520/430 520/430 520/430 520/430 650/550 650/550 650/550 650/550 650/550 950/800 950/800 950/800 950/800 950/800 950/800 950/800 950/800 950/800
Volts/Sec TC = 100 C MIN 450 450 425 400 200 450 450 425 400 200 450 450 425 400 200 450 450 425 400 200 450 450 425 400 200 650 650 600 500 250 650 650 600 500 250 650 650 600 500 250 650 650 600 500 550 550 500 475 550 550 500 475 550 550 500 475 550 550 500 475 350 350 325 300 350 350 325 300 350 350 325 300 350 350 325 300 TC = 125 C MIN 350 350 325 300 210 210 210 210 210 210 210 210 210 210 374 374 374 374 374 510 510 510 510 510 1035 1035 1035 1035 1035 1122 1122 1122 1122 1122 1750 1750 1750 1750 1750 3745 3745 3745 3745 3745 3745 3745 3745 3745 125 125 125 125 125 125 125 125 125 125 125 125 125 125 125 150 150 150 150 150 150 150 150 150 150 175 175 175 175 175 175 175 175 175 175 200 200 200 200 200 200 200 200 200 Amps2Sec Amps/Sec Sec TYP 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 Sec MAX 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35
TC = 25 C TC = 25 C MAX 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 MAX 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 2 2 2 2 2 2 2 2 2
See "General Notes" on page E6 - 2 and "Electrical Specification Notes" on page E6 - 3.
(c)2002 Teccor Electronics Thyristor Product Catalog
E6 - 5
http://www.teccor.com +1 972-580-7777
SCRs
Data Sheets
Thermal Resistance (Steady State) RqJC [RqJA] C/W (TYP.) Pkg. Code
L F F2 R J W K M D V N
Type
TO-220 Isolated
TO-202 Type 1 Non-isolated 4.3 [45] 3.9 3.4
TO-202 Type 2 Non-isolated 9.5 [70]
TO-220 Non-isolated
TO-218X Isolated
TO-218X Non-isolated See below
TO-218 Isolated
TO-218 Non-isolated
TO-252 TO-251AA D-Pak V-Pak Surface Mount Non-isolated 1.7 2.3 [70] 2.0 1.7 1.6
TO-263 D2Pak Non-isolated
1A 6A 8A 10 A 12 A 15 A 16 A 20 A 25 A 35 A 40 A 55 A 65 A 70 A
4.0 [50] 3.4 3.0 2.5
1.8 [40] 1.6 1.5 1.3
1.5 1.45 1.4
1.3 1.0 0.70 0.70 0.6 0.53 0.86 0.60 0.86 0.53 0.5
2.4 2.35 1.0 0.6 0.5
Electrical Isolation
Thermal Resistance (Steady State) RqJC [RqJA] C/W (TYP.)
Package Code Type C E
Teccor's isolated SCR packages will withstand a minimum high potential test of 2500 V ac rms from leads to mounting tab over the device's operating temperature range. The following table shows standard and optional isolation ratings.
Electrical Isolation * from Leads to Mounting Tab TO-220 TO-218X Isolated Isolated
Standard Optional ** Standard N/A
1A
Compak 35 *
TO-92 50 [145]
V AC RMS 2500 4000
TO-218 Isolated
Standard N/A
* Mounted on
1cm2
copper foil surface; two-ounce copper foil
* UL Recognized File #E71639 ** For 4000 V isolation, use "V" suffix in part number.
http://www.teccor.com +1 972-580-7777
E6 - 6
(c)2002 Teccor Electronics Thyristor Product Catalog
Data Sheets
SCRs
120
Maximum Allowable Ambient Temperature (TA) - C
8 A TO-220 (Non-isolated)
80
Normalized Peak Current
100
CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180 FREE AIR RATING
1.0 0.8 0.6 0.4 0.2 0 25 50 75 100 125
6 A TO-220 (Isolated) and 6 A TO-202 (Types 1 and 3)
60
1 A TO-92
40
6 A TO-202 (Types 2 and 4) and 6 A TO-251
20 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2
Case Temperature (TC) - C
RMS On-state Current [IT(RMS)] - Amps
Figure E6.1 Maximum Allowable Ambient Temperature versus RMS On-state Current
Figure E6.4 Peak Capacitor Discharge Current Derating (6 A through 55 A)
120 CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180 FREE AIR RATING
130 120
Maximum Allowable Ambient Temperature (TA) - C
100
Maximum Allowable Case Temperature (TC) - C
110 100 90 80 70 60 50 0 0.2 0.4 0.6 0.8 1.0 1.2 CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180 CASE TEMPERATURE: Measure as shown on dimensional drawing
8 A TO-220 (Non-isolated)
80
1 A Devices
1 A TO-92
60
6 A TO-220 (Isolated) and 6 A TO-202 (Types 1 and 3)
40
6 A TO-202 (Types 2 and 4) and 6 A TO-251
20 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
Average On-state Current [IT(AV)] - Amps
RMS On-state Current [IT(RMS)] - Amps
Figure E6.2 Maximum Allowable Ambient Temperature versus Average On-state Current
Figure E6.5 Maximum Allowable Case Temperature versus RMS On-state Current (1 A)
130
Peak Discharge Current (ITM) - Amps
1000
120
55 A Devices
8 A TO-220 (Non-isolated) TO-251 and TO-252 10 A TO-220 (Isolated) and 10 A TO-202
Maximum Allowable Case Temperature (TC) - C
110
6 A Devices
100 90 80 70 60 50 CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180 CASE TEMPERATURE: Measure as shown on dimensional drawings 0 2 4 6 8
300 200
25 A Devices 15 A and 16 A Devices
8 A TO-220 (Isolated) and 8 A TO-202
100
6 A to 10 A Devices 12 A Devices
50 ITM tw tw = 5 times constants 20 0.5 1.0 2.0 5.0 10 20 50
10
12
Pulse Current Duration (tw) - ms
RMS On-state Current [IT(RMS)] - Amps
Figure E6.3 Peak Capacitor Discharge Current (6 A through 55 A)
Figure E6.6 Maximum Allowable Case Temperature versus RMS On-state Current (6 A, 8 A, and 10 A)
(c)2002 Teccor Electronics Thyristor Product Catalog
E6 - 7
http://www.teccor.com +1 972-580-7777
SCRs
Data Sheets
130
130
Maximum Allowable Case Temperature (TC) - C
120 110 100 90 80 70 60 50 0 55 A TO-220 (Non-isolated) and TO-263 *
Maximum Allowable Case Temperature (TC) - C
120 110 100 90 80 70 60 50 0 4
10 A TO-220 (Non-isolated)
16 A TO-220 (Non-isolated) and TO-263 20 A TO-220 (Isolated)
CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180 CASE TEMPERATURE: Measure as shown on dimensional drawings
55 A TO-218AC (Non-isolated) *
10 A TO-251 and 10 A TO-252 12 A TO-220 (Non-isolated) TO-251 and TO-252
CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180 CASE TEMPERATURE: Measure as shown on dimensional drawing
65 A TO-218AC (Isolated) *
* The R, K or M package rating is intended only for high surge condition use and is not recommended for >50 A rms continuous current use, since narrow pin lead temperature can exceed PCB solder melting temperature. J or W packages are recommended for >50 A rms continuous current requirements. 10 20 30 40 50 60 70 75
15 A TO-220 (Isolated)
8
12
16
20
RMS On-state Current [IT(RMS)] - Amps
RMS On-state Current [IT(RMS)] - Amps
Figure E6.7 Maximum Allowable Case Temperature versus RMS On-state Current (10 A, 12 A, 16 A, and 20 A)
Figure E6.10 Maximum Allowable Case Temperature versus RMS On-state Current (55 A and 65 A)
Maximum Allowable Case Temperature (TC) - C
130 120
130 120 110 100
Maximum Allowable Case Temperature (TC) - C
110 100 90 80 70 60 50 0
25 A TO-220 (Isolated)
25 A TO-220 (Non-isolated) and TO-263
CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180 CASE TEMPERATURE: Measure as shown on dimensional drawings 4 8 12 16 20 24 28
35 A TO-218 (Isolated)
1 A Devices
90 80 70 60
32
36
50 0
CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180 CASE TEMPERATURE: Measure as shown on dimensional drawings
0.2 0.4 0.6 0.8
RMS On-state Current [IT(RMS)] - Amps
Average On-state Current [IT(AV)] - Amps
Figure E6.8 Maximum Allowable Case Temperature versus RMS On-state Current (25 A and 35 A)
130 120
CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180 CASE TEMPERATURE: Measure as shown on dimensional drawings
Figure E6.11 Maximum Allowable Case Temperature versus Average On-state Current (1 A)
Maximum Allowable Case Temperature (TC) - C
130
12 A TO-220 (Non-isolated) and TO-251 and TO-252
Maximum Allowable Case Temperature (TC) - C
120
10 A TO-251 10 A TO-252
110 100 90 80 70 60 50 0 10 20 30 40 50 60 70
40 A TO-220 (Non-isolated) and TO-263 65 A TO-218X (Isolated)
CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180 CASE TEMPERATURE: Measure as shown on dimensional drawings
70 A TO-218X (Non-isolated)
110
6 A TO-220 6 A TO-202
10 A TO-220 (Non-isolated)
10 A TO-220 (Isolated) and 10 A TO-202
100
6 A TO-251 6 A TO-252
8 A TO-220 (Isolated) 8 A TO-202
55 A TO-218X (Non-isolated)
90
8 A TO-220 (Non-isolated)
80 0 1 2 3 4 5 6 7 8
RMS On-state Current [IT(RMS)] - Amps
Average On-state Current [IT(AV)] - Amps
Figure E6.9 Maximum Allowable Case Temperature versus RMS On-state Current (40 A through 70 A)
Figure E6.12 Maximum Allowable Case Temperature versus Average On-state Current (8 A, 10 A, and 12 A)
http://www.teccor.com +1 972-580-7777
E6 - 8
(c)2002 Teccor Electronics Thyristor Product Catalog
Data Sheets
SCRs
130
130
16 AT O-2 20
CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180 CASE TEMPERATURE: Measured as shown on dimensional drawings
120 Case Temperature (TC) - C 110 100 90 80 70 60 50 0
120 Case Temperature (TC) - C 110 100 90 80 70 60 50 0
55 A TO-220 (Non-isolated) and TO-263 *
(No
n-is
olat
Maximum Allowable
ed)
-26
3
20 A TO-220 (Isolated)
Maximum Allowable
and
CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180 CASE TEMPERATURE: Measure as shown on dimensional drawings 55 A TO-218AC (Non-isolated) *
TO
65 A TO-218AC (Isolated) *
10 A TO-220 (Non-isolated)
* The R, K, or M package
rating is intended only for high surge condition use and is not recommended for >32 A (AV) continuous current use since narrow pin lead temperature can exceed PCB solder melting temperature. J or W packages are recommended for >32 A (AV) continuous current requirements.
15 A TO-220 (Isolated) 2 4 6 8 10 12 14
10
20
30
40
50
Average On-state Current [IT(AV)] - Amps
Average On-state Current [IT(AV)] - Amps
Figure E6.13 Maximum Allowable Case Temperature versus Average On-state Current (10 A through 20 A)
Figure E6.16 Maximum Allowable Case Temperature versus Average On-state Current (55 A and 65 A)
130
Maximum Allowable Case Temperature (TC) - C
120
110
IH (TC = 25 C)
CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180 CASE TEMPERATURE: Measure as shown on dimensional drawings
2.0
INITIAL ON-STATE CURRENT = 200 mA dc for 1 A to 20 A Devices and 400 mA dc for 25 A to 70 A Devices
1.5
35 A TO-218 (Non-isolated)
100
IH
35 A TO-218 (Isolated)
90
1.0
80
Ratio of
25A TO-220 (Isolated)
.5
70
60
25A TO-220 (Non-isolated) and TO-263
0
50 0 .4 8 12 16 20 24
-40
-15
+25
+65
+105 +125
Case Temperature (TC) - C
Average On-state Current [IT(AV)] - Amps
Figure E6.14 Maximum Allowable Case Temperature versus Average On-state Current (25 A and 35 A)
130 120
Maximum Allowable Case Temperature (TC) - C
CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180 CASE TEMPERATURE: Measure as shown on dimensional drawings
Figure E6.17 Normalized dc Holding Current versus Case Temperature
2.0
110 100 90 80 40 A TO-220 (Non-isolated) and TO-263 55 A TO-218X (Non-isolated) 65 A TO-218X (Isolated)
IGT (TC = 25 C)
1.5
70 A TO-218X (Non-isolated)
IGT Ratio of
1.0
70 60 50 0
0.5
0
10
20
30
40
50
-40
-15
+25
+65
+105 +125
Average On-state Current [IT(AV)] - Amps
Case Temperature (TC) - C
Figure E6.15 Maximum Allowable Case Temperature versus Average On-state Current (40 A through 70 A)
Figure E6.18 Normalized DC Gate-Trigger Current versus Case Temperature
(c)2002 Teccor Electronics Thyristor Product Catalog
E6 - 9
http://www.teccor.com +1 972-580-7777
SCRs
Data Sheets
90
Instantaneous On-state Current (iT) - Amps
1.5
80 70 60 50
VGT (TC = 25 C)
TC = 25C
25 A Devices
15 A to 20 A Devices
40
12 A Devices
30
VGT
6 A to 10 A Devices
1.0
20 10
Ratio of
1 A Devices
0.5
0
0 0 0.6 0.8 1.0 1.2 1.4 1.6
-40
-15
+25
+65
+105 +125
Case Temperature (TC) - C
Instantaneous On-state Voltage (vT) - Volts
Figure E6.19 Instantaneous On-state Current versus On-state Voltage (Typical) (6 A through 25 A)
Figure E6.21 Normalized DC Gate-trigger Voltage versus Case Temperature
200 180
7 6 A to 12 A Devices
TC = 25C
15 A to 35 A Devices
Turn-on Time (tgt) - s
160 Instantaneous On-state Current (iT) - Amps 140 120 100 80 60 40 20 0 0
TC = 25C
6
5
65 A and 70 A Devices
4 40 A to 70 A Devices 3 1 A Devices
55 A Devices
2 1
35 A to 40 A Devices .6 .8 1.0 1.2 1.4 1.6
0 10 20 30 40 50 60 80 100 200
Instantaneous On-state Voltage (vT) - Volts
DC Gate Trigger Current (IGT) - mA
Figure E6.20 Instantaneous On-state Current versus On-state Voltage (Typical) (35 A through 70 A)
Figure E6.22 Typical Turn-on Time versus Gate-trigger Current
http://www.teccor.com +1 972-580-7777
E6 - 10
(c)2002 Teccor Electronics Thyristor Product Catalog
Data Sheets
SCRs
Peak Surge (Non-repetitive) On-state Current (ITSM) - Amps
1000 800 600 500 400 300 200
65 A
SUPPLY FREQUENCY: 60 Hz Sinusoidal LOAD: Resistive RMS ON-STATE CURRENT: [IT(RMS)]: MaxRated Value at Specified Case Temperature
TO-2 18
70 A Devic Devic
es
35 A 25 A 16 A
10 A Devic es
Devic
55 A
Devic es
es
es 40 A Devic es
es
100 80 60 50 40 30 20
Devic
20 A 15 A Devic es
Devic
es
12 A
Devic es 8AD evice s 6A Dev ices
10 8 6 5 4 3 2
1A Dev
Notes: 1) Gate control may be lost during and immediately following surge current interval. 2) Overload may not be repeated until junction temperature has returned to steady-state rated value.
ices
1 1 2 3 4 5 6 7 8 10 20 30 40 60 80100 200 300400 600 1000
Surge Current Duration - Full Cycles
Figure E6.23 Peak Surge Current versus Surge Current Duration
Average On-state Power Dissipation [PD(AV)] - Watts
Average On-state Power Dissipation [PD(AV)] - Watts
CURRENT WAVEFORM: Half Sine Wave LOAD: Resistive or Inductive CONDUCTION ANGLE: 180
18 16 14 12 10 8 6 4 2 0 15 A to 20 A Devices 12 A Devices 6 A to 10 A Devices
CURRENT WAVEFORM: Half Sine Wave LOAD: Resistive or Inductive CONDUCTION ANGLE: 180
1.0 0.8
1.0 A Devices
0.6 0.4 0.2 0 0 0.2 0.4 0.6 0.8 1.0
0
2
4
6
8
10
12
14
16
18
20
RMS On-state Current [IT(RMS)] - Amps
Figure E6.24 Power Dissipation (Typical) versus RMS On-state Current (1 A)
RMS On-state Current [IT(RMS)] - Amps
Figure E6.25 Power Dissipation (Typical) versus RMS On-state Current (6 A through 20 A)
(c)2002 Teccor Electronics Thyristor Product Catalog
E6 - 11
http://www.teccor.com +1 972-580-7777
SCRs
Data Sheets
32
60
Average On-state Power Dissipation [PD(AV)] x- Watts
28 24 20 16 12 8
Power Dissipation [PD(AV)] - Watts
es
CURRENT WAVEFORM: Half Sine Wave LOAD: Resistive or Inductive CONDUCTION ANGLE: 180
Average On-state
25
4 0 0 4 8
A
TO
0 22
D
ic ev
es
20
10
0
12
16
20
24
28
32
36
0 10 20 30 40 50 60 70
RMS On-state Current [IT(RMS)] - Amps
Figure E6.26 Power Dissipation (Typical) versus RMS On-state Current (25 A and 35 A)
RMS On-state Current [IT(RMS)] - Amps
Figure E6.27 Power Dissipation (Typical) versus RMS On-state Current (40 A through 70 A)
http://www.teccor.com +1 972-580-7777
E6 - 12
40
30
A
an d
55
35
A
A
De
De vi c
v
s ice
50
CURRENT WAVEFORM: Half Sine Wave LOAD: Resistive or Inductive CONDUCTION ANGLE: 180
d 70 A
De
vic
es
40
65
A
an
(c)2002 Teccor Electronics Thyristor Product Catalog


▲Up To Search▲   

 
Price & Availability of S2065K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X